Part Number Hot Search : 
SMAJ20 0MC11 12N60 BQ24027 F130431 D4050 208271 NP22N055
Product Description
Full Text Search
 

To Download CHA5295-99F00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHA5295
RoHS COMPLIANT
24.5-26.5GHz High Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA5295 is a high gain three-stage monolithic high power amplifier. It is designed for a wide range of applications, from military to commercial communication systems. The backside of the chip is both RF and DC grounds. This help simplifies the assembly process. The circuit is manufactured with a PM-HEMT process, 0.25m gate length, via holes through the substrate, air bridges and electron beam gate lithography. It is available in chip form.
32 30
Vd1 Vd2
Vg3 Vd3
Vg1 Vg2 Vd2
Vg3 Vd3
Main Features
Performances : 24.5-26.5GHz 31dBm output power @ 1dB comp. 18 dB 1dB gain DC power consumption, 800mA @ 6V Chip size : 4.01 x 2.52 x 0.05 mm
28 26 24 22 20 18 16 14 12 10 24,5 25
Pout@3dB (dBm) PAE@1dB (%) Pout@1dB (dBm) Linear Gain (dB)
25,5
26 Frequency (GHz)
26,5
27
27,5
Typical on jig Measurements
Main Characteristics
Tamb. = 25 C Symbol
Fop G P1dB Id
Parameter
Operating frequency range Small signal gain Output power at 1dB gain compression Bias current
Min
24.5 17 30
Typ
18 31 800
Max
26.5
Unit
GHz dB dBm mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
Ref. : DSCHA52953125 - 05 May 03
1/9
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Departementale 128 - B.P.46 - 91401 Orsay Cedex France Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
CHA5295
Electrical Characteristics
Tamb = +25 Vd = 6V Id #800mA C, Symbol
Fop G G Is P1dB P03 IP3 PAE VSWRin
24.5-26.5GHz High Power Amplifier
Parameter
Operating frequency range (1) Small signal gain (1) Small signal gain flatness (1) Reverse isolation Pulsed output power at 1dB compression (1) Output power at 3dB gain compression (1) 3rd order intercept point (2) (3) Power added efficiency at 1dB comp. Input VSWR
Min
24.5 17
Typ
Max
26.5
Unit
GHz dB dB dB dBm dBm dBm %
18 1 50
30
31 31.5 41 20 3.5:1 2:1 +155 800 1000
VSWRout Output VSWR Tj Id Junction temperature for 80 backside C Bias current @ small signal
C mA
(1) These values are representative for pulsed on-wafer measurements that are made without bonding wires at the RF ports. (2) Value representative for CW on jig measurement. (3) Linearity could be improved with a biasing point around 600mA ( see curves on next pages)
Absolute Maximum Ratings
Tamb. = 25 (1) C Symbol
Vd Id Vg Ig Vdg Pin Tch Ta Tstg
Parameter
Maximum drain bias voltage with Pin max=12dBm Maximum drain bias current Gate bias voltage Gate bias current Maximum drain to gate voltage (Vd - Vg) Maximum input power overdrive (2) Maximum channel temperature Operating temperature range Storage temperature range
2/9
Values
+6.25 1400 -2.5 to +0.4 -5 to +5 +8.0 +15 +175 -40 to +80 -55 to +125
Unit
V mA V mA V dBm C C C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
Ref. : DSCHA52953125 - 05 May 03 Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
24.5-26.5GHz High Power Amplifier
(2) Duration < 1s.
CHA5295
Ref. : DSCHA52953125 - 05 May 03
3/9
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
CHA5295
Typical on Jig Measurements
24.5-26.5GHz High Power Amplifier
Bias conditions: Vd=6V, Vg tuned for Id #800mA
22 18 14 10 6 2
(dB)
-2 -6 -10 -14 -18 -22 -26 -30 22 23 24 25 26 27 28 29 30 31
Frequency (GHz)
S11
S21
S22
Linear Gain & Return Losses versus frequency
32 30 28 26 24 22 20 18 16 14 12 10 24,5 25
Pout@3dB (dBm) PAE@1dB (%) Pout@1dB (dBm) Linear Gain (dB)
25,5
26 Frequency (GHz)
26,5
27
27,5
Linear Gain, Output power @ 1dB & 3dB compression, PAE @ 1dB compression
Ref. : DSCHA52953125 - 05 May 03
4/9
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
24.5-26.5GHz High Power Amplifier
58 54 50 46 42 38 34 30 26 16 18 20 22 24 C/I3 (dBc) C/I5 (dBc)
CHA5295
6V, 600mA
24GHz
25GHz
26GHz
27GHz
26
Pout (dBm)
C/I3 & C/I5 versus DCL* Output Power
50 48 600mA 46 44
C/I3 ( dBc)
42 40 38
+25 C
-35 C 36 34 32 30 12 14 +75 C
800mA
16
18
Pout (dBm)
20
22
24
C/I3 versus drain current & temperature @ 25.5GHz DCL: Double Carrier Level
Ref. : DSCHA52953125 - 05 May 03 5/9 Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
CHA5295
30 28 26 24 Gain (dB) 22 20 18 16 14 12 10 20 21 22 23 24 25 +25 - 600mA C +25 - 800mA C
24.5-26.5GHz High Power Amplifier
-40 - 600mA C -40 - 800mA C
+85 - 600mA C +85 - 800mA C
26
27
28
29
30
31
32
33
34
Output power (dBm)
Output power versus temperature & Drain current @ 25.5GHz
Ref. : DSCHA52953125 - 05 May 03
6/9
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
24.5-26.5GHz High Power Amplifier
Chip Assembly and Mechanical Data
To Vd1,Vd2 DC Drain supply feed To Vd3 DC Drain supply feed
CHA5295
To Vg1,2,3 DC Gate supply feed
Note : Supply feed should be capacitively by-passed. 25m diameter gold wire is to be prefered.
Ref. : DSCHA52953125 - 05 May 03
7/9
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
CHA5295
24.5-26.5GHz High Power Amplifier
Bonding pad positions.
( Chip thickness : 50m)
Application note
Due to 50m thickness, specific care is requested for the handling and assembly. Bias operation sequence: ON: Supply Gate voltage Supply Drain voltage OFF: Cut off Drain voltage Cut off Gate voltage
Ref. : DSCHA52953125 - 05 May 03 8/9 Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
24.5-26.5GHz High Power Amplifier
CHA5295
Ordering Information
Chip form : CHA5295-99F/00
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors S.A.S. assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use as critical components in life support devices or systems without express written approval from United Monolithic Semiconductors S.A.S.
Ref. : DSCHA52953125 - 05 May 03
9/9
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09


▲Up To Search▲   

 
Price & Availability of CHA5295-99F00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X